Part Number Hot Search : 
L780S20 AP943 MIC5165 68HC908 SK368 68HC908 BZT52B20 MGFK3
Product Description
Full Text Search
 

To Download NRE-WY100M200V8X16F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors +130 c wide temperature range, radial leads, polarized features ? -40 c** ~ +130 c extended operating temperature range ? long life (1,000 ~ 4,000 hours @ 130 c) ? meets the requirements of aec-q200* *contact nic for supporting test data **200v and up -25c ~ +130c nre-wy series characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com rated voltage range 10 ~ 400vdc capacitance range 1.0 ~ 4,700f operating temperature range -40 ~ +130c (10 to 100vdc), -25c ~ +130c (200 to 400vdc) capacitance tolerance 20% (m) max. leakage current after 2 minutes 10 ~ 100vdc: 0.01cv or 3 a whichever is greater after 1 minute 200vdc, 400vdc: 0.1cv+40 a after 5 minutes 200vdc, 400vdc: 0.03cv+15 a max. tan @ 120hz/20c w.v. (vdc) 10 16 25 35 50 63 100 200 400 s.v. (vdc) 13 20 32 44 63 79 125 250 450 c < 1000f 0.20 0.16 0.14 0.12 0.10 0.09 0.08 0.15 0.20 c = 1,500f - - - - - 0.09 - - - c = 2,200f 0.22 0.18 0.16 0.14 0.12 - - - - c = 3,300f 0.24 0.20 0.18 0.16 - - - - - c = 4,700f 0.26 0.22 - - - - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 2 2 2 2 2 2 3 6 z-40c/z+20c 6 4 3 3 3 3 3 - - load life test at rated w.v. 1000 ~ 4000hrs @ 130c (see part number table for hours) 10v ~ 100v cap. change within 30% of intial measured value tan less than 300% of specif ed max. value leakage current less than specif ed maximum vlaue 200v ~ 400v cap. change within 20% of intial measured value tan less than 200% of specif ed max. value leakage current less than specif ed maximum vlaue shelf life test +130c 1000hrs capacitance change within 30% of intial measured value tan less than 300% of specif ed max. value leakage current not more than 500% of specif ed max. value *see part number system for details *see part number system for details *see part number system for details rohs compliant includes all homogeneous materials part numbering system nre-wy 331 m 35v 10x16 tb y f . rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signif cant, third character is multiplier series *see tape specif cation for details optional: for automotive equipment, sourced to special production and inspection at ts-16949 certif ed production site
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change cap. (f) code working voltage (vdc) 10 16 25 35 50 63 100 200 400 1.0 1r0 - - - - - - - - 6.3x11 8x11.5 1.5 1r5 - - - - - - - - 6.3x11 8x16 1.8 1r8 - - - - - - - - 6.3x11 8x16 2.2 2r2 - - - - - - - - 8x11.5 8x16 8x20 2.7 2r7 - - - - - - - - 8x16 8x20 3.3 3r3 - - - - - - - - 8x16 8x20 4.7 4r7 - - - - 8x11.5 - 8x11.5 6.3x11 8x20 8x11.5 10x16 5.6 5r6 - - - - - - - 8x11.5 10x16 8x16 10x20 6.8 6r8 - - - - - - - 8x11.5 10x20 8x16 10 10 - - - - 8x11.5 - 8x11.5 8x16 - 8x20 15 150 - - - - - - - 8x16 - 8x20 22 220 - - - - 8x11.5 - 8x11.5 8x20 - 10x16 33 330 - - - - 8x11.5 8x11.5 10x12.5 10x20 - 47 470 - - - - 8x11.5 10x12.5 10x16 - - 100 101 - - - 8x11.5 10x12.5 10x16 12.5x20 - - 220 221 - - 8x11.5 10x12.5 10x20 12.5x20 16x25 - - 330 331 8x11.5 8x11.5 10x12.5 10x16 12.5x20 12.5x25 16x31.5 - - 470 471 10x12.5 10x12.5 10x16 10x20 12.5x25 16x25 18x31.5 - - 1000 102 10x20 10x20 12.5x20 12.5x25 16x31.5 16x31.5 - - - 1500 152 - - - - - 18x40 - - - 2200 222 12.5x25 12.5x25 16x31.5 16x35.5 18x40 - - - - 3300 332 16x25 16x31.5 16x35.5 18x35.5 - - - - - 4700 472 16x31.5 16x35.5 - - - - - - - standard product and case size d xl (mm) diameter and leadspace (mm) case dia. (d ) 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.6 0.8 lead spacing (f) 2.5 3.5 5.0 7.5 dim. 0.5 1.0 dim. 2.0 miniature aluminum electrolytic capacitors nre-wy series dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping specifcation for details on taped format packaging. - +
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-wy series part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +130c/100khz max. impedance () +20c/100khz load life hours @+130c nre-wy331m10v8x11.5f 330 10 0.20 360 0.22 2,000 nre-wy471m10v10x12.5f 470 0.20 620 0.15 2,000 nre-wy102m10v10x20f 1000 0.20 960 0.073 2,000 nre-wy222m10v12.5x25f 2200 0.22 1430 0.040 4,000 nre-wy332m10v16x25f 3300 0.24 1900 0.038 4,000 nre-wy472m10v16x31.5f 4700 0.26 2300 0.034 4,000 nre-wy331m16v8x11.5f 330 16 0.16 360 0.22 2,000 nre-wy471m16v10x12.5f 470 0.16 620 0.15 2,000 nre-wy102m16v10x20f 1000 0.16 960 0.073 2,000 nre-wy222m16v12.5x25f 2200 0.18 1430 0.040 4,000 nre-wy332m16v16x31.5f 3300 0.20 2300 0.034 4,000 nre-wy472m16v16x35.5f 4700 0.22 2550 0.031 4,000 nre-wy221m25v8x11.5f 220 25 0.14 360 0.22 2,000 nre-wy331m25v10x12.5f 330 0.14 620 0.15 2,000 nre-wy471m25v10x16f 470 0.14 800 0.10 2,000 nre-wy102m25v12.5x20f 1000 0.14 1100 0.055 4,000 nre-wy222m25v16x31.5f 2200 0.16 2300 0.034 4,000 nre-wy332m25v16x35.5f 3300 0.18 2550 0.031 4,000 nre-wy101m35v8x11.5f 100 35 0.12 360 0.22 2,000 nre-wy221m35v10x12.5f 220 0.12 620 0.15 2,000 nre-wy331m35v10x16f 330 0.12 800 0.10 2,000 nre-wy471m35v10x20f 470 0.12 960 0.073 2,000 nre-wy102m35v12.5x25f 1000 0.12 1430 0.040 4,000 nre-wy222m35v16x35.5f 2200 0.14 2550 0.031 4,000 nre-wy332m35v18x35.5f 3300 0.16 2800 0.028 4,000 nre-wy4r7m50v8x11.5f 4.7 50 0.10 100 0.85 2,000 nre-wy100m50v8x11.5f 10 0.10 200 0.60 2,000 nre-wy220m50v8x11.5f 22 0.10 260 0.35 2,000 nre-wy330m50v8x11.5f 33 0.10 300 0.28 2,000 nre-wy470m50v8x11.5f 47 0.10 300 0.28 2,000 nre-wy101m50v10x12.5f 100 0.10 520 0.18 2,000 nre-wy221m50v10x20f 220 0.10 890 0.082 2,000 nre-wy331m50v12.5x20f 330 0.10 1000 0.065 4,000 nre-wy471m50v12.5x25f 470 0.10 1200 0.051 4,000 nre-wy102m50v16x31.5f 1000 0.10 2180 0.037 4,000 nre-wy222m50v18x40f 2200 0.12 2800 0.029 4,000 nre-wy330m63v8x11.5f 33 63 0.09 250 0.40 2,000 nre-wy470m63v10x12.5f 47 0.09 400 0.27 2,000 nre-wy101m63v10x16f 100 0.09 450 0.20 2,000 nre-wy221m63v12.5x20 220 0.09 820 0.10 4,000 nre-wy331m63v12.5x25f 330 0.09 1000 0.072 4,000 nre-wy471m63v16x25f 470 0.09 1500 0.069 4,000 nre-wy102m63v16x31.5f 1000 0.09 1850 0.056 4,000 nre-wy152m63v18x40f 1500 0.09 2350 0.043 4,000 nre-wy4r7m100v8x11.5f 4.7 100 0.08 100 1.3 2,000 nre-wy100m100v8x11.5f 10 0.08 200 1.0 2,000 nre-wy220m100v8x11.5f 22 0.08 220 0.67 2,000 nre-wy330m100v10x12.5f 33 0.08 260 0.45 2,000 nre-wy470m100v10x16f 47 0.08 330 0.33 2,000 nre-wy101m100v12.5x20f 100 0.08 670 0.17 4,000 nre-wy221m100v16x25f 220 0.08 1100 0.13 4,000 nre-wy331m100v16x31.5f 330 0.08 1300 0.10 4,000 nre-wy471m100v18x31.5f 470 0.08 1600 0.092 4,000 ripple current correction factor (10v ~ 100v) frequency (hz) 60 (50) 120hz 1khz 10k 100k 1.0f ~ 4.7 f 0.35 0.42 0.60 0.80 1.0 10f ~ 33f 0.45 0.55 0.75 0.90 1.0 47f ~ 330f 0.60 0.70 0.85 0.95 1.0 470f ~ 1500f 0.65 0.75 0.90 0.98 1.0 2200 f ~ 4700f 0.75 0.80 0.95 1.0 1.0
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-wy series part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +130c/100khz max. esr () +20c/120hz load life hours @+130c nre-wy4r7m200v6.3x11f 4.7 200 0.15 100 52.94 1,000 nre-wy4r7m200v8x11.5f 0.15 120 52.94 2,000 nre-wy5r6m200v8x11.5f 5.6 0.15 130 44.43 2,000 nre-wy5r6m200v8x16f 0.15 180 44.43 2,000 nre-wy6r8m200v8x11.5f 6.8 0.15 130 36.59 2,000 nre-wy6r8m200v8x16f 0.15 180 36.59 2,000 NRE-WY100M200V8X16F 10 0.15 200 24.88 2,000 nre-wy100m200v8x20f 0.15 240 24.88 2,000 nre-wy150m200v8x16f 15 0.15 200 16.59 2,000 nre-wy150m200v8x20f 0.15 240 16.59 2,000 nre-wy220m200v8x20f 22 0.15 240 11.31 2,000 nre-wy220m200v10x16f 0.15 240 11.31 2,000 nre-wy330m200v10x20f 33 0.15 320 7.54 2,000 nre-wy1r0m400v6.3x11f 1.0 400 0.20 60 331.74 1,000 nre-wy1r0m400v8x11.5f 0.20 65 331.74 2,000 nre-wy1r5m400v8x11.5f 1.5 0.20 75 221.16 2,000 nre-wy1r5m400v8x16f 0.20 80 221.16 2,000 nre-wy1r8m400v8x11.5f 1.8 0.20 75 184.30 2,000 nre-wy1r8m400v8x16f 0.20 85 184.30 2,000 nre-wy2r2m400v8x11.5f 2.2 0.20 75 150.79 2,000 nre-wy2r2m400v8x16f 0.20 90 150.79 2,000 nre-wy2r2m400v8x20f 0.20 110 150.79 2,000 nre-wy2r7m400v8x16f 2.7 0.20 95 122.87 2,000 nre-wy2r7m400v8x20f 0.20 115 122.87 2,000 nre-wy3r3m400v8x16f 3.3 0.20 100 100.53 2,000 nre-wy3r3m400v8x20f 0.20 120 100.53 2,000 nre-wy4r7m400v8x20f 4.7 0.20 120 70.58 2,000 nre-wy4r7m400v10x16f 0.20 125 70.58 2,000 nre-wy5r6m400v10x16f 5.6 0.20 130 59.24 2,000 nre-wy5r6m400v10x20f 0.20 145 59.24 2,000 nre-wy6r8m400v10x20f 6.8 0.20 150 48.79 2,000 ripple current correction factor (200v ~ 400v) frequency (hz) 120hz 1khz 10k 100k 1.0f ~ 5.6 f 0.20 0.40 0.80 1.0 6.8f ~ 15f 0.30 0.60 0.90 1.0 22f 0.50 0.80 0.90 1.0


▲Up To Search▲   

 
Price & Availability of NRE-WY100M200V8X16F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X